PART |
Description |
Maker |
IRKLF102-08HJ IRKLF112-08HN IRKLF102-06HK IRKLF102 |
164.85 A, 800 V, SCR Silicon Controlled Rectifier, 250 A, 800 V, SCR, POWER, INT-A-PAK-5 Silicon Controlled Rectifier, 164.85 A, 600 V, SCR Silicon Controlled Rectifier, 164.85 A, 1200 V, SCR
|
Vishay Semiconductors
|
MCR310-010 MCR310-D |
Silicon Controlled Rectifier 10A 800V Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
|
ON Semiconductor
|
2N682 2N681 2N691 |
25A silicon controlled rectifier. Vrsom 75V. 25A silicon controlled rectifier. Vrsom 35V. 25A silicon controlled rectifier. Vrsom 840V.
|
General Electric Solid State
|
IRKL41-06 IRKL41-08 IRKL41-14 |
Silicon Controlled Rectifier, 62.8 A, 600 V, SCR, TO-240AA Silicon Controlled Rectifier, 62.8 A, 800 V, SCR, TO-240AA Silicon Controlled Rectifier, 62.8 A, 1400 V, SCR, TO-240AA
|
Vishay Semiconductors
|
2N1795F 2N1798F 2N1792F 2N1793F 2N1794F 2N1797F 2N |
Silicon Controlled Rectifiers (fase) Silicon Controlled Rectifier; Package: TO-83; IT (Av) (A): 70; VTM (V): 2.1; VGT (V): 3; IGT (µA): 70000; tq (nsec): 40000; Vrrm (V): 400; 110 A, SCR, TO-208AD
|
Microsemi Corporation Microsemi, Corp.
|
CS48-35N CS48-35D CS48-35M CS48-35P CS48-35PB CS48 |
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 800 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 600 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1000 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 400 V, SCR, TO-48
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
BT152F-600 BT152F |
600V Vdrm 20A Sensitive Gate Silicon Controlled Rectifier, 1.7@40AV Peak On-State Voltage, 200V/μs Rise of Off-State Voltage Silicon Controlled Rectifiers
|
SEMIWELL[SemiWell Semiconductor]
|
NTE5558 NTE5550 NTE5552 NTE5554 |
Silicon controlled rectifier. Peak reverse blocking voltage Vrrm = 400V. Forward current 25A. Silicon Controlled Rectifiers Silicon controlled rectifier. Peak reverse blocking voltage Vrrm = 200V. Forward current 25A.
|
NTE[NTE Electronics]
|
IRKH41-12 IRKH41-14 |
Silicon Controlled Rectifier, 62.8 A, 1200 V, SCR, TO-240AA Silicon Controlled Rectifier, 62.8 A, 1400 V, SCR, TO-240AA
|
Vishay Semiconductors
|
BY527 BY527_1 |
Controlled avalanche rectifier(控制的雪崩整流器) SILICON, RECTIFIER DIODE From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
|